Part Number Hot Search : 
CXP84540 471M1 N4099 P6KE36 MM3Z12 B0505 MMSZ5 7A175
Product Description
Full Text Search
 

To Download HF321N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4-9 siemens industry, inc. speedfax? 2011 product catalog 4 safety switches heavy duty safety switches features siemens / speedfax previous folio: 3-9 updated by s spencer 10-15-10 15 3 2 4 18 6 7 10 11 19 12 14 13 8 5 1 16 20 17 9 1. quick-make, quick-break operating mechanism that ensures positive operation. 2. visible blade, double-break switching action. 3. arc chutes dissipate heat and prolong switch life. 4. highly visible red handle grip. designed for hook stick operation. 5. defeatable dual cover interlock. 6. center punch provided for field drilling to allow on padlocking. 7. handle can be padlocked in the off position with up to (3) padlocks with 5/16" hasps. 8. generous top, bottom and side gutters that meet or exceed nec wire-bending space requirements. 9. informative door labeling which includes replacement parts list. 10. tangential knockouts through 600a for easy conduit lineup. 11. side-hinged door that opens past 180 degrees for easier wiring. 12. unique enclosure design increases rigidity and prevents cuts and scrapes to conductors and installers hands. 13. spring reinforced fuse clips that assure reliable contact for cool operation. 14. door latch securely holds door closed and allows cover padlocking. 15. front removable mechanical lugs that are suitable for cu/ai 60 or 75 c conductors. 16. lugs are field convertible to copper body and to a wide variety of compression connectors. 17. hinged clear line terminal shield with probe holes for inspecting or testing line side terminals. 18. embossed aluminum nameplate on heavy duty switches provides highly visible on/off indication. 19. drawn cover for increased rigidity and resistance to abuse. 20. top key hole and bottom mounting holes provide easy 2 or 3 point mounting.
siemens industry, inc. speedfax? 2011 product catalog 4-10 4 safety switches product category hdss heavy duty safety switches selection siemens / speedfax previous folio: 3-10 updated by s spencer 10-15-10 0030 hf221n 012 hf221nr 013 01 1 ? 2 03 003 007 1 ? 2 05 0060 hf222n 018 hf222nr 019 03 10 007 1 ? 2 015 10 0100 hf223n 023 hf223nr 024 07 1 ? 2 15 015 030 20 0200 hf224n 047 hf224nr 048 15 025 060 40 0400 hf225nh a 129 hf225nrh a 131 15 050 125 50 0400 hf225n 153 hf225nr 157 15 050 125 50 0600 hf226nh a 133 hf226nrh a 135 15 075 200 50 0600 hf226n 155 hf226nr 159 15 075 200 50 800 hf227n 365 hf227nr 365 100 250 50 1200 hf228n n 385 hf228nr n 385 100 250 50 240 volt fusible e 2-pole, 2-fuse, and solid neutral c (also used for 2-pole, 2-wire applications) 240 volt ac/250 volt dc 0030 HF321N 014 HF321Nr 015 01 1 ? 2 03 003 007 1 ? 2 05 0060 hf322n 019 hf322nr 020 03 10 007 1 ? 2 015 10 0100 hf323n 025 hf323nr 026 07 1 ? 2 15 015 030 20 0200 hf324n 049 hf324nr 050 15 025 060 40 0400 hf325nh a 137 hf325nrh a 138 15 050 125 50 0400 hf325n 158 hf325nr 162 15 050 125 50 0600 hf326nh a 139 hf326nrh a 142 15 075 200 50 0600 hf326n 161 hf326nr 165 15 075 200 50 0800 hf327n 375 hf327nr 375 100 250 50 1200 hf328n 395 hf328nr 388 100 250 50 3-pole, 3-fuse, and solid neutral (also used for 3-pole, 3-wire applications) 240 volt ac/250 volt dc 0030 hf321s 014 hf321j 014 01 1 ? 2 3 003 007 1 ? 2 0060 hf322s 020 hf322j 020 3 10 007 1 ? 2 015 10 0100 hf323s 025 hf323j 025 07 1 ? 2 15 015 030 20 0200 hf324s 049 hf324j 049 15 025 060 40 400 hf325s 154 hf325j n 110 15 50 125 50 600 hf326s 157 hf326j n 161 15 75 200 50 800 hf327s n 370 hf327j n 365 100 250 50 3-pole, 3-fuse d (also used for 2-pole, 2-wire applications in 400C800a ratings) 240 volt ac/250 volt dc n built to order. allow 2C3 weeks for delivery. a height reduced switch (45.25 rather than 56 inches in height) for use with 500mcm or smaller conductors. b dual horsepower ratings: std.- applies when non-time delay fuses are installed. max.- applies when time- delay fuses are installed. c these switches are ul-listed for application on grounded b-phase systems and are suitable for 3-phase motor applications. d when a neutral is required use a field installed neutral kit. e suitable for use as service entrance equipment. f also rated type 3s/3r. g 304 grade stainless steel. for switches with enclosures constructed from 316 grade stainless steel, see page 4-16. indoor type 1 outdoor type 3r horsepower ratings b 240v ac 250 ship. wt. ship. wt. 1-phase, 2-phase, 3-phase, volt ampere (lbs.) (lbs.) 2-wire 4-wire 3-wire dc system rating catalog number std. pkg. catalog number std. pkg. std. max. std. max. std. max. 240 volt fusible e 2-pole, 2-fuse d 240 volt ac/250 volt dc type 4/4x stainless g type 12 industrial f 0030 hf221s 013 hf221j 013 01 1 ? 2 03 003 007 1 ? 2 05 0060 hf222s 019 hf222j 019 03 10 007 1 ? 2 015 10 0100 hf223s 024 hf223j 024 07 1 ? 2 15 015 030 20 0200 hf224s 048 hf224j 048 15 025 060 40
4-11 siemens industry, inc. speedfax? 2011 product catalog 4 safety switches product category hdss heavy duty safety switches selection siemens / speedfax previous folio: 3-11 updated by s spencer 10-15-10 0030 hf261 015 hf261r 015 03 07 1 ? 2 03 10 05 15 0060 hf262 020 hf262r 020 05 20 10 25 10 30 0100 hf263 026 hf263r 027 10 30 15 40 20 50 0400 hf265 n 149 hf265r n 152 50 50 40 50 0600 hf266 n 150 hf266r n 155 50 50 50 50 600 volt fusible e 2-pole, 2-fuse c 480 volt ac/600 volt ac/600 volt dc 0030 hf361 14 hf361r 015 333 07 1 ? 2 005 015 03 10 007 1 ? 2 020 05 0030 hf361l g 19 hf361r l g 020 3 07 1 ? 2 005 015 03 10 007 1 ? 2 020 05 0060 hf362 19 hf362r 020 5 20 015 030 10 25 015 050 10 30 h 0060 hf362rl g 025 5 20 015 030 10 25 015 050 10 30 h 0100 hf363 24 hf363r 025 5 20 025 060 15 40 030 075 20 50 h 0200 hf364 48 hf364r 049 25 50 050 125 30 50 060 150 40 50 0400 hf365h b 136 hf365r h b 137 100 250 125 350 50 0400 hf365 154 hf365r 157 100 250 125 350 50 0600 hf366h b 138 hf366r h b 141 150 400 200 500 50 0600 hf366 157 hf366r 161 150 400 200 500 50 0800 hf367 365 hf367r 365 200 500 250 500 50 1200 hf368 383 hf368r 385 200 500 250 500 50 3-pole, 3-fuse 480 volt ac/600 volt ac/250 volt dc a 0030 hf361s 013 hf361j 014 005 015 007 1 ? 2 020 05 0060 hf362s 020 hf362j 020 015 030 015 050 10 30 h 0100 hf363s 025 hf363j 025 025 060 030 075 20 50 h 0200 hf364s 049 hf364j 049 050 125 060 150 40 50 0400 hf365s 158 hf365j 160 100 250 125 350 50 0600 hf366s 161 hf366j 161 150 400 200 500 50 0800 hf367s 370 hf367j n 365 200 500 250 500 50 01200 hf368s n 388 hf368j n 388 250 500 250 500 50 3-pole, 3-fuse 480 volt ac/600 volt ac/250 volt dc a n built to order. allow 2C3 weeks for delivery. a 60-200a 3-pole switches are also rated 600v dc. b height reduced switch (45.25 rather than 56 inches in height) for use with 500mcm or smaller conductors. c use 3-pole switch for 200a applications. d dual horsepower ratings: std.- applies when non-time delay fuses are installed. max.- applies when time- delay fuses are installed. e suitable for use as service entrance equipment except for 1200 when used on 480 or 600v grounded wye system. f also rated type 3s/3r. g indicates oversized enclosure (30a switch with 60a lugs in a 60a enclosure or 60a switch with 100a lugs in a 100a enclosure). h 600v dc & 600v dc horsepower rating shown requires (2) poles to be connected in series. 304 grade stainless steel. for switches with enclosures constructed from 316 grade stainless steel, see page 4-16. indoor type 1 outdoor type 3r 480v ac 600v ac ship. wt. ship. wt. 1-phase, 3-phase, 1-phase, 3-phase, 250 600 ampere (lbs.) (lbs.) 2-wire 3-wire 2-wire 3-wire volt volt system rating catalog number std. pkg. catalog number std. pkg. std. max. std. max. std. max. std. max. dc dc horsepower ratings d 0030 hf361n 014 hf361nr 015 03 07 1 ? 2 005 015 03 10 007 1 ? 2 020 05 0060 hf362n 019 hf362nr 020 05 20 015 030 10 25 015 050 10 30 h 0100 hf363n 025 hf363nr 026 10 30 025 060 15 40 030 075 20 50 h 0200 hf364n 049 hf364nr 050 25 50 050 125 30 50 060 150 40 50 0400 hf365n 158 hf365nr 162 100 250 125 350 50 0600 hf366n 161 hf366nr 165 150 400 200 500 50 0800 hf367n 375 hf367nr 375 250 500 250 500 50 1200 hf368n 395 hf368nr 388 250 500 250 500 50 3-pole, 3-fuse and solid neutral 480 volt ac/600 volt ac/250 volt dc a type 4/4x stainless type 12 industrial f 0030 hf261s 015 hf261j n 015 03 07 1 ? 2 03 10 05 15 0060 hf262s 020 hf262j n 020 05 20 10 25 10 30 0100 hf263s n 027 hf263j n 027 10 30 15 40 20 50 0400 hf265s n 153 hf265j n 155 50 50 40 50 0600 hf266s n 156 hf266j n 156 50 50 50 50 600 volt fusible e (for 2-pole applications use outside poles of 3-pole switches) 2-pole, 2-fuse c 480 volt ac/600 volt ac/600 volt dc
siemens industry, inc. speedfax? 2011 product catalog 4-12 4 safety switches product category hdss heavy duty safety switches selection siemens / speedfax previous folio: 3-12 updated by s spencer 10-15-10 n built to order. allow 2C3 weeks for delivery. a also rated 600v dc. b compact switch (11.1"h, 6.6"w box less cover and handle). short circuit withstand rating100,000 rms sym. amps. c use 3-pole switch for 200a application. d suitable for use as service entrance equipment except for 1200 when used on a 480 or 600v grounded wye system. e also rated type 3s / 3r. f indicates oversized enclosure (30a switch in a 60a enclosure or a 60a switch in a 100a enclosure. g 600v dc and 600v dc horsepower rating shown requires (2) poles to be connected in series. h 304 grade stainless steel. for switches with enclosures constructed from 316 grade stainless steel, see page 4-16. 30 hnf361 12 hnf361r 13 5 10 7 1/2 20 10 30 5 30 hnf361rl f 19 5 10 7 1/2 20 10 30 5 60 hnf362h b 11 hnf362rh b 11 10 20 20 50 20 40 10 60 hnf362 a 18 hnf362r a 19 10 20 20 50 25 60 10 30 g 60 hnf362rl f 24 10 20 20 50 25 60 10 30 g 100 hnf363 a 23 hnf363r a 24 15 40 30 75 40 100 20 50 g 200 hnf364 a 46 hnf364r a 47 15 60 50 125 50 150 40 50 400 hnf365 114 hnf365r 118 15 125 50 250 50 350 50 600 hnf366 116 hnf366r 120 15 200 50 400 50 500 50 800 hnf367 295 hnf367r 295 15 250 50 500 50 500 50 1200 hnf368 305 hnf368r 307 15 250 50 500 50 500 50 3-pole 480 volt ac / 600 volt ac / 250 volt d c indoor - type 1 outdoor - type 3r horsepower ratings ampere catalog ship. catalog ship. 240 volt 480 volt 600 volt 250v 600v system rating number wt. (lbs.) number wt. (lbs.) 1-phase 3-phase 1-phase 3-phase 1-phase 3-phase dc dc type 4 / 4x stainless h type 12 industrial e 30 hnf261s 13 hnf261j 13 7 1/2 10 5 15 60 hnf262s 20 hnf262j 20 20 25 10 30 100 hnf263s n 25 hnf263j n 25 30 40 20 50 400 hnf265s n 113 hnf265j n 114 15 50 40 50 600 hnf266s n 115 hnf266j n 120 15 50 50 50 600 volt non-fusible d 2-pole c 480 volt ac / 600 volt ac / 600 volt dc 2-pole c 480 volt ac / 600 volt ac / 600 volt dc 30 hnf261 12 hnf261r 13 7 1/2 10 5 15 60 hnf262 19 hnf262r 20 20 25 10 30 100 hnf263 24 hnf263r 25 30 40 20 50 400 hnf265 n 109 hnf265r 113 15 50 50 40 50 600 hnf266 n 111 hnf266r n 115 15 50 50 50 50 3 0 hnf361s 13 hnf361j 13 5 10 7 1/2 20 10 30 5 60 hnf362sh b 15 hnf362jh b 14 10 20 20 50 20 40 10 60 hnf362s a 19 hnf362j a 19 10 20 20 50 25 60 10 30 g 100 hnf363s a 24 hnf363j a 24 15 40 30 75 40 100 20 50 g 200 hnf364s a 47 hnf364j a 47 15 60 50 125 50 150 40 50 400 hnf365s 118 hnf365j 119 15 125 50 250 50 350 50 600 hnf366s 120 hnf366j 120 15 200 50 400 50 500 50 800 hnf367s 295 hnf367j n 295 15 250 50 500 50 500 50 1200 hnf368s n 310 hnf368j n 310 15 250 50 500 50 500 50 3-pole 480 volt ac / 600 volt ac / 250 volt d c 600 volt non-fusible d
4-13 siemens industry, inc. speedfax? 2011 product catalog 4 safety switches product category hdss heavy duty safety switches type 4/4x & 12 with viewing window selection siemens / speedfax previous folio: 3-13 updated by s spencer 10-15-10 description 30C600a, 3-pole 600v max. in fusible and non-fusible versions in type 4/4x stainless steel and type 12 enclosures. all allow viewing of visible blade position. 30C200a also allow viewing of indicating type fuses. features b rugged installer-friendly enclosure design features a gasket flange with continuously welded seams b tool-free cover latches b two, three and four point mounting b metal handle with large insulating grip features a positive stop in both on and off position b ground lugs provided as standard b type 12 enclosures are fabricated from galvanized steel and are also rated for 3r/3s outdoor applications b type 4x stainless steel switches (30C200a) are provided with stainless steel interior parts b the widest range of accessories available including 200% neutrals, gold plated plc auxiliary contacts and isolated ground kits maximum horsepower ratings b ampere ship. 240v ac 480v ac 600v ac 250v 600v system rating catalog number wt. (lbs.) 1-phase, 2-wire 3-phase, 3-wire 3-phase, 3-wire 3-phase, 3-wire dc dc 3-pole, 3-wire non-fusible, type 1 2 cd 600 volt ac / 250 volt dc a 3-pole, 3-wire fusible, type 4x stainless stee l df 600 volt ac / 250 volt dc a 3-pole, 3-wire non-fusible, type 4x stainless stee l df 600 volt ac / 250 volt dc a 3-pole, 3-wire fusible, type 1 2 cd 600 volt ac / 250 volt dc a 1l hf361jw hf 1 f h-2 hb 2l b v vl hf362jw 22 hl hb 1l bl hl 1l e hll hf363jw 2v hb 1l vl fb 2l bl e 2ll hf364jw b1 v vl h2b hbl xl bl xll hf365jw hvv v h2b 2bl 1bl bl v vll hf366jw hvw v 2ll xll bll bl v new 3-pole, 3-wire fusible, type 3r d 600 volt ac / 250 volt dc a 1l hf361rw hf 1 f h-2 hb 2l b v vl hf362rw 22 hl hb 1l bl hl 1l e new 3-pole, 3-wire non-fusible, type 3r d 600 volt ac / 250 volt dc a 1l hnf361rw hx 1 hl 2l 1l b v vl hnf362rw 2h hl 2l bl vl hl 1l e 1l hnf361jw hx 1 hl 2l 1l b v vl hnf362jw 2h hl 2l bl vl hl 1l e hll hnf363jw 2b hb xl fb hll 2l bl e 2ll hnf364jw bh hb vl h2b hbl xl bl xll hnf365jw h11 hb h2b 2bl 1bl bl v 1l hf361sw hf 1 f h-2 hb 2l b v vl hf362sw 21 hl hb 1l bl hl 1l e hll hf363sw 2w hb 1l vl fb 2l bl e 2ll hf364sw bb v vl h2b hbl xl bl xll hf365sw hvw hb h2b 2bl 1bl bl v 1l hnf361sw hb 1 hl 2l 1l b v vl hnf362sw 21 hl 2l bl vl hl 1l e hll hnf363sw 2f hb xl fb hll 2l bl e 2ll hnf364sw bx hb vl h2b hbl xl bl xll hnf365sw h1x hb h2b 2bl 1bl bl v a dehfj db dbdbf dd b bhddbfhdhf dbgdgdej dfh d bgd c db d c dbf dadcdfd d dehfj db dhfb dcd dbd h d fb d h fd dfh d dcd dehfjdcd d bhbfh e ddbdddj e dbfhdjed h dd dfd d f dhd h d f db dfbh df ddehfj dehfjd d ff dcddb dfbh df d db d


▲Up To Search▲   

 
Price & Availability of HF321N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X